PART |
Description |
Maker |
NTMFS4122N |
30V,23A,Single N Channel,SO 8 Flat Lead Power MOSFET(30V,23A,N沟道功率MOSFET) 30V的,3A条,单个N频道平引脚功率MOSFET0V的,3A条,沟道功率MOSFET的) 30V,23A,Single N Channel,SO 8 Flat Lead Power MOSFET(30V,23A,N娌?????MOSFET)
|
ON Semiconductor
|
STF40NF06 |
N-CHANNEL 60A - 0.024 Ohm - 23A - TO-220 STRIPFET II MOSFET N-CHANNEL 60V - 0.024ohm - 23A - TO-220FP STripFET II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRF9540NL IRF9540NS IRF9540NSTRL |
Power MOSFET(Vdss=-100V/ Rds(on)=0.117ohm/ Id=-23A) Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
|
IRF[International Rectifier]
|
IRFP254N |
Power MOSFET(Vdss=250V, Rds(on)=125mohm, Id=23A)
|
International Rectifier IRF
|
STD15NF10 STD15NF10T4 D15NF10 |
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFB23N15 IRFSL23N15D IRFB23N15DPBF IRFS23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
AAT9501 |
25V N-Channel Power MOSFET
|
ANALOGIC TECH
|
NTD4863N-35G NTD4863N--1G NTD4863N--35G NTD4863NAT |
Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK Power MOSFET 25V, 46A, Single N-Channel 9.2 A, 25 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
UT45N03G-TM3-R UT45N03G-TN3-R UT45N03G-TN3-T UT45N |
40A, 25V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
UT75N02L-TM3-T UT75N02G-TM3-T UT75N02G-TA3-T UT75N |
75A, 25V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
NTD4858N-1G |
Power MOSFET 25V, 70A, Single N-Channel 11.2 A, 25 V, 0.0093 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
IRFP360LC |
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A) 功率MOSFET(减振钢板基本\u003d00V,的Rdson)\u003d 0.20ohm,身份证\u003d 23A条)
|
International Rectifier, Corp. IRF[International Rectifier]
|